PART |
Description |
Maker |
BL0709-18-76 |
28 mm x 28 mm LED cluster. Super bright red (peak wavelength 660 nm), blue (peak wavelength 430 nm), super bright green (peak wavelength 565 nm). Lens type water clear.
|
Kingbright Electronic
|
BT236-D BT2.6-D |
600V Vdrm 6A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Sensitive Gate Triacs
|
SEMIWELL[SemiWell Semiconductor]
|
BT139F |
600V Vdrm 16A Triac, 1.6V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current
|
SemiWell Semiconductor
|
BT138-600 BT138 |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SemiWell Semiconductor
|
APTB1615SRQGWPR |
1.6 x 1.5 mm bi-color SMD chip LED lamp. Super bright red (peak wavelength 660 nm), green (peak wavelength 560 nm). Lens type white diffused.
|
Kingbright Electronic
|
AA2734SRSGC |
2.7 x 3.4mm surface mount LED lamp. Super bright red (peak wavelength 660 nm). Super bright green (peak wavelength 565 nm). Lens type water clear.
|
Kingbright Electronic
|
PD403 PD202 |
PHOTOTRANSISTOR | DARLINGTON | 800NM PEAK WAVELENGTH | 30M | LED-2H PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | 50M | TO-18VAR
|
|
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
P6KE12 P6KE15 P6KE36 P6KE6.8 P6KE18 P6KE7.5 P6KE8. |
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnologie... SeCoS Halbleitertechnol...
|
ZXGD3003E6 ZXGD3003E6TA ZXGD3003E6-15 |
5A(peak) gate driver in SOT23-6 5A(PEAK) GATE DRIVER IN SOT26
|
Diodes Incorporated Zetex Semiconductors
|
BDX95 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Voltage Rating DC, Vdc:420VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :850V; Peak Energy (10/1000uS):80J; Capacitance, Cd:380pF Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
BDX91 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:300Vrms; Voltage Rating DC, Vdc:405VDC; Peak Surge Current (8/20uS), Itm:1200A; Clamping Voltage 8/20us Max :775V; Peak Energy (10/1000uS):25J; Capacitance, Cd:70pF Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
|
Seme LAB
|